PART |
Description |
Maker |
CP2000DC54PEZ |
Input: -40 to -72Vdc; Outputs: ±54 Vdc @ 2000W; 5 Vdc @ 4W
|
Lineage Power Corporation
|
HDA55-48B-D050I HDA55-48B-T050II HDA55-48B-T033EI |
36-72VDC INPUT RANGE DC-DC PCB OPEN FRAME MULTI-OUTPUT 55-60 WATTS INTERNAL SWITCHING POWER CONVERTERS
|
HITRON ELECTRONICS CORPORTION
|
TPDC250P-48B-490O TPDC250P-48B TPDC250P-48B-490 TP |
36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES
|
TOTAL-POWER[Total Power International]
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
74VCX38_05 74VCX38 74VCX38BQX 74VCX38M 74VCX38MTC |
Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MC54-74HC251 MC74HC251 MC74HC251D MC74HC251N MC54_ |
10631029 8-Input Data Selector/Multiplexer with 3-State Outputs 8-INPUT DATA SELECTOR/MULTLPLEXER WLTH 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
CA5260A |
Op Amp, BiMOS, Dual, 5V Supply, MOSFET Input, CMOS Outputs, 3MHz, Improved Input Characteristics
|
Intersil
|
MC74HC253D MC74HC253N MC74HC253 ON1399 |
Dual 4-Input Data Selector/Multiplexer with 3-State Outputs DUAL 4-INPUT DATA SELECTOR/MULTLPLEXER WLTH 3-STATE OUTPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
MC74AC257 MC74AC257D MC74AC257N MC74ACT257 MC74ACT |
Quad 2 Input Multiplexer with 3 State Outputs From old datasheet system QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
|
Motorola, Inc ON Semiconductor
|
MGDSI-10-I-E MGDSI-10-I-F MGDSI-XXX MGDBI-10-C-B M |
Industrial DC/DC Converter 2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation 2:1标准输入 2:1 Standard Input Single & Bi Outputs Metallic case - 1.500 VDC Isolation
|
Gaia Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
74VCX32M |
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|